|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER RELAY 1 POLE--5 A (CADMIUM FREE CONTACTS TYPE) NY SERIES n FEATURES RoHS compliant l Ultraslimtypewith5mmthickness --Goodforhighdensitymounting l Lowpowerconsumptionandhighsensitivity --Nominalcoilpower:120mW --Operatingpower:54mW l UL,CSA,VDErecognized l ConformstoIEC61010,61131 l Highisolation --Surgevoltage:5,080V --Dielectricstrength:3,000VAC(coilandcontacts) l SILpitchterminals l Plasticsealedtype l CompatiblewithsolidstateI/OmoduletypeSN(see page376)insizeandpin(terminal)arrangement l Environmentallyfriendlycadmiumfreecontacttype l RoHScompliantsincedatecode:0439C1 Pleaseseepage6formoreinformation n ORDERING INFORMATION [Example] (a) (b) (c) (d) (e) (f) NY P - 12 W - K (a) (b) (*) (c) (d) (e) - IE (*) (f) SeriesName TerminalClassification NominalVoltage Contact Enclosure Insulation NY NYSeries : Nil:PCboardmountingtype P :Socketmountingtype RefertotheCOILDATACHART W :Bifurcatedtype K :Plasticsealedtype IE :ComplywithIECstandard Note: ctualmarkingomitsthehyphen(-)andIEof(*) A n SAFETY STANDARDS Type UL Compliance UL508,UL1604 E56140,E199193 CSA C22.2No.14 LR35579 Contactrating Flammability:UL94-V0(plastics) 3A(Generaluse) 5A,250VAC/30VDC(resistive) 1/8HP,250VAC/125VAC Pilotduty:C300 1 AlsocomplieswithVED,IEC61010,61131 NY SERIES n SPECIFICATIONS Contact Coil TimeValue Life Other Item Arrangement Material Configuration Resistance(initial) Rating(resistive) MaximumCarryingCurrent MaximumSwitchingPower MaximumSwitchingVoltage MaximumSwitchingCurrent MinimumSwitchingLoad* NominalPower(at20C) OperatePower(at20C) OperatingTemperature Operate(atnominalvoltage) Release(atnominalvoltage) Electrical Misoperation Vibration Resistance Endurance Misoperation Shock Resistance Endurance Weight 1 NY 1formA(SPST-NO) Goldoverlaysilveralloy Bifurcated Maximum30m(at1A6VDC) 3A250VACor3A30VDC 5A 750VA,90W 270VAC,150VDC 5A 1mA5VDC 120mW 54mW -40Cto+90C(nofrost)(refertotheCHARACTERISTICDATA) Maximum10ms Maximum5ms 1x105operationsminimum(at3A250VAC,30VDCresistive) 5x104operationsminimum(at5A250VAC,30VDCresistive) 10to55Hz(doubleamplitudeof1.5mm) 10to55Hz(doubleamplitudeof5.0mm) 100m/s2(111ms) 1,000m/s2(61ms) Approximately3.5g Mechanical 2x107operationsminimum *1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactualload beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand expectedreliabilitylevels. n INSULATION Item Resistance(initial) Dielectric Strength SurgeVoltage opencontacts NY Minimum1,000M 750VAC1min. 5,080V 1.2x50sstandardwave Note at500VDC coilandcontacts 3,000VAC1min. 2 NY SERIES n COIL DATA CHART MODEL NY-4.5W-K-IE NY-5W-K-IE NY-6W-K-IE NY-9W-K-IE NY-12W-K-IE NY-18W-K-IE NY-24W-K-IE Nominal voltage 4.5VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC Coil resistance (10%) 169 208 300 675 1,200 2,700 4,800 Must operate voltage* 3VDC 3.35VDC 4VDC 6VDC 8VDC 12.1VDC 16.1VDC Must release voltage* 0.45VDC 0.5VDC 0.6VDC 0.9VDC 1.2VDC 1.8VDC 2.4VDC Nominal power 120mW 120mW 120mW 120mW 120mW 120mW 120mW Note:Allvaluesinthetablearemeasuredat20C *:Specifiedvaluesaresubjecttopulsewavevoltage n CHARACTERISTIC DATA Temperature Rise (deg.) 16 14 12 40 30 20 10 0A Nominal Voltage Multiplying Factor Timing Coil Temperature Rise 5A Operating Range 3A Time (ms) 10 8 6 4 2 0 0.1 Release 0.2 0.3 Operate 3A 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 0A 5A pe Must O rate Vo ltage (H ot Coil) l) (Cool Coi ra Must Ope te Voltage 0 0.1 0.2 0.3 0.4 20 40 60 80 100 Coil Power (W) Maximum Switching Power Coil Power (W) Life Curves Ambient Temperature (C) Contact Current (A) 5 3 2 1 0.5 0.3 0.2 0.1 10 20 30 50 AC Resistive DC Resistive Operation (x104) 300 200 100 50 30 20 10 5 3 2 120 VAC resistive 30VDC V 7 ms 120 VAC COS 0.4 240 VAC COS 0.4 30 VDC/240 VAC resistive DC30 V 40ms 100 200 300 500 DC100 120 V 7 40ms 0.1 0.20.3 0.50.7 1 23 5 Contact Voltage (V) Contact Current (A) 3 NY SERIES n REFERENCE DATA 4 NY SERIES n DIMENSIONS l Dimensions NYtype +0.08 l Schematics (BOTTOMVIEW) l PC board mounting hole layout (BOTTOMVIEW) 20.1 17.5 0.98 NYPtype 22.9+0.2 Unit:mm n SOCKET DIMENSIONS n SOCKET DRILLING PLANT 24.5 Unit:mm n NOTES 1.Socketorderingcode.JL-5N 2.StandardICsocketisnotrecommended. PleaseusesocketJL-5N. 5 NY SERIES RoHS Compliance and Lead Free Relay Information 1. General Information Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now.Allofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu. l AllsignalandpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems(compatible). l "LF"ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists. Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC) l 2. Recommended Lead Free Solder Profile l RecommendedsolderpasteSn-3.0Ag-0.5Cu. Reflow Solder condtion Flow Solder condtion: Pre-heating: Soldering: maximum120C dipwithin5sec.at 260Csolerbath Solder by Soldering Iron: SolderingIron Temperature: maximum360C Duration: maximum3sec. We highly recommend that you confirm your actual solder conditions 3. Moisture Sensitivity l MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys. DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin housetest. 4. Tin Whisker l 6 NY SERIES Fujitsu Components International Headquarter Offices Japan FujitsuComponentLimited Gotanda-ChuoBuilding 3-5,Higashigotanda2-chome,Shinagawa-ku Tokyo1418630,Japan Tel:(81-3)5449-7010 Fax:(81-3)5449-2626 Email:promothq@fcl.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250E.CaribbeanDrive Sunnyvale,CA94089U.S.A. Tel:(1-408)745-4900 Fax:(1-408)745-4970 Email:components@us.fujitsu.com Web:http://us.fujitsu.com/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan25 2132WVHoofddorp Netherlands Tel:(31-23)5560910 Fax:(31-23)5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 102EPasirPanjangRoad #01-01CitilinkWarehouseComplex Singapore118529 Tel:(65)6375-8560 Fax:(65)6273-3021 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/ (c)2007FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev.July19,2007. 7 |
Price & Availability of NYP-12W-K-IE |